Part Number Hot Search : 
2W47RJ 73050 RF100 1035C 16800 MTB60 15116S MTB60
Product Description
Full Text Search
 

To Download P12015K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audible/Visible
NotificAtioN
Outdoor Horn/Strobes
Models Available Horn/Strobes P12015K P12015KA Accessories WBB
Horn/Strobe
OutdoorHorn/Strobe OutdoorHorn/Strobe (foruseinCanada)
WeatherproofBackbox
Weatherproof BackBox
Product Overview UL listed to UL 1638 (strobe) and UL 464 (horn) outdoor requirements Rainproof per UL50 (NEMA 3R) Operates at 120VAC Field-selectable horn options *Electromechanical/3kHz *Temporal 3/Continuous Operates in a temperature range of -40F to 150F Universal mounting plate included System Sensor's SpectrAlert wall-mount horn/strobe product is an outdoor listed strobe that operates on 120VAC. The horn/strobe is watertight when used in conjunction with the weatherproof back box (WBB). Performance. The SpectrAlert Outdoor Horn/Strobe operates on 120VAC and is
UL listed for outdoor use. The horn/strobe is watertight per UL50 when used in conjunction with the weatherproof back box accessory.
Installation. SpectrAlert products offer installation ease which also lowers the
installed cost. Each SpectrAlert horn/strobe includes a universal mounting plate for 4 square and single gang back box mounting. An accessory weatherproof back box (WBB) is available.
Flexibility. SpectrAlert products offer the flexibility to meet a broad range of
requirements. The SpectrAlert Outdoor Horn/Strobe features field-selectable horn tones, with temporal 3 or continuous patterns for each.
Aesthetics. To meet building owner aesthetic requirements, SpectrAlert
incorporates a stylish, low profile design, an aesthetic that is consistent across all SpectrAlert products.
S4011
CS549, Vol.3
7135-1209:217
272-01-E
Specifications
InputTerminals 12to18AWG Dimensions Horn/Strobewithuniversalmountingplate: 5x558x2716 Horn/Strobewithmountingplateandweatherproofbackbox: 21516x5516x418 Weight 8.8oz. Mounting Outdoor:SystemSensorModelWBBweatherproofbackbox OperatingTemperature -40degreesto150degreesFahrenheit Voltages 120VAC
Product Specifications
Outdoor Horn/Strobe shall be a System Sensor SpectrAlert Model _________ listed to UL 464 for fire protective signaling systems and UL50 for watertight standards (NEMA 3R), and shall perform in accordance with the standards set forth by UL 1638 for private mode emergency and general utility signaling. The horn/strobe shall have two fieldselectable tone options and the option to switch between a temporal 3 or continuous pattern for each tone. These options are activated through the appropriate settings on a DIP switch located on the rear of the unit. In order to obtain the NEMA 3R rating, the SpectrAlert Outdoor Horn/Strobe shall be attached to a universal mounting plate that is mounted onto a WBB weatherproof back box. SpectrAlert Outdoor Horn/Strobes shall have an operating temperature range of -40 degrees to 150 degrees F and operate on 120VAC.
Ordering Information
Model No. P12015K P12015KA WBB D-MP Description OutdoorHorn/Strobe(US) OutdoorHorn/Strobe(Canada) Sur faceMountBackBox UniversalMountingPlate(replacement) Voltage 120VAC 120VAC N/A N/A Candela 15 15 N/A N/A Current Draw 261.6mARMS 261.6mARMS N/A N/A
System Sensor Sales and Service
System Sensor Headquarters 3825OhioAvenue St.Charles,IL60174 Ph:800/SENSOR2 Fx:630/377-6495 www.systemsensor.com System Sensor Canada Ph:905.812.0767 Fx:905.812.0771 System Sensor Europe Ph:44.1403.891920 Fx:44.1403.891921 System Sensor in China Ph:86.29.8832.0119 Fx:86.29.8832.5110 System Sensor in Singapore Ph:65.6273.2230 Fx:65.6273.2610 System Sensor - Far East Ph:85.22.191.9003 Fx:85.22.736.6580 System Sensor - Australia Ph:613.54.281.142 Fx:613.54.281.172 System Sensor - India Ph:91.124.637.1770x.2700 Fx:91.124.637.3118 System Sensor - Russia Ph:70.95.937.7982 Fx:70.95.937.7983
A05-0328-002*6/04*#1303
(c) 2004SystemSensor.Thecompanyreservestherighttochangeproductspecificationswithoutnotice.


▲Up To Search▲   

 
Price & Availability of P12015K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X